Part Number Hot Search : 
PA835TF FSE0120 MR210 FZH131 101M10 3552U 1C2CF07Q MS24266
Product Description
Full Text Search
 

To Download HFA08TB60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD -20607 rev. B 12/00
HFA08TB60S
HEXFRED
Features
* * * * * Ultrafast Recovery Ultrasoft Recovery Very Low IRRM Very Low Qrr Specified at Operating Conditions
TM
Ultrafast, Soft Recovery Diode
(K)
BASE + 2
VR = 600V VF(typ.)* = 1.4V IF(AV) = 8.0A Qrr (typ.)= 65nC IRRM = 5.0A
3
Benefits
* Reduced RFI and EMI * Reduced Power Loss in Diode and Switching Transistor * Higher Frequency Operation * Reduced Snubbing * Reduced Parts Count
(N/C)
1
_ (A)
trr(typ.) = 18ns di(rec)M/dt (typ.) = 240A/s
Description
International Rectifier's HFA08TB60S is a state of the art ultra fast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 volts and 8 amps continuous current, the HFA08TB60S is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultra fast recovery time, the HEXFRED product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to "snap-off" during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA08TB60S is ideally suited for applications in power supplies (PFC Boost diode) and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.
D2 Pak
Absolute Maximum Ratings
Parameter
VR IF @ TC = 100C IFSM IFRM PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Single Pulse Forward Current Maximum Repetitive Forward Current Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max.
600 8.0 60 24 36 14 -55 to +150
Units
V A W C
* 125C
1
HFA08TB60S
Bulletin PD-20607 rev. B 11/00
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
VBR VFM IRM CT LS Cathode Anode Breakdown Voltage Max Forward Voltage Max Reverse Leakage Current Junction Capacitance Series Inductance
Min. Typ. Max. Units
600 --- --- --- --- --- --- --- --- 1.4 1.7 1.4 0.3 100 10 8.0 --- 1.7 2.1 1.7 5.0 500 25 --- V V A pF nH
Test Conditions
IR = 100A IF = 8.0A See Fig. 1 IF = 16A IF = 8.0A, TJ = 125C See Fig. 2 VR = VR Rated TJ = 125C, VR = 0.8 x VR RatedD Rated See Fig. 3 VR = 200V Measured lead to lead 5mm from package body
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M/dt1 di(rec)M/dt2 Reverse Recovery Time See Fig. 5, 6 Peak Recovery Current Reverse Recovery Charge See Fig. 7 Peak Rate of Fall of Recovery Current See Fig. 8 During tb
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- --- 18 37 55 3.5 4.5 65 124 240 210 --- 55 90 5.0 8.0 138 360 --- --- ns A nC A/s
Test Conditions
IF = 1.0A, dif/dt = 200A/s, VR = 30V TJ = 25C TJ = 125C IF = 8.0A TJ = 25C TJ = 125C VR = 200V TJ = 25C TJ = 125C dif/dt = 200A/s TJ = 25C TJ = 125C
Thermal - Mechanical Characteristics
Parameter
Tlead ! RthJC RthJA " Wt Lead Temperature Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Weight
Min.
---- ---- ---- ---- ----
Typ.
---- ---- ---- 2.0 0.07
Max.
300 3.5 80 ---- ----
Units
C K/W g (oz)
! 0.063 in. from Case (1.6mm) for 10 sec " Typical Socket Mount
2
HFA08TB60S
Bulletin PD-20607 rev. B 11/00
100 1000
Reverse Current - IR (A)
TJ = 150C
100 10 1 0.1 0.01 0.001 0 100 200 300 400 500 600
TJ = 125C
Instantaneous Forward Current - IF (A)
10
TJ = 150C TJ = 125C TJ = 25C
T = 25C J
Reverse Voltage - V R (V)
1
Fig. 2 - Typical Reverse Current vs. Reverse Voltage
100
A
Junction Capacitance -CT (pF)
TJ = 25C
10
0.1 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2
Forward Voltage Drop - V FM (V)
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
1 1 10 100 1000
Reverse Voltage - V R (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
3
HFA08TB60S
Bulletin PD-20607 rev. B 11/00
80 20 VR = 200V TJ = 125C TJ = 25C
I F = 16A I F = 8.0A
60
I F = 4.0A
15
IF = 16A
trr- (nC)
Irr- ( A)
I F = 8.0A IF = 4.0A
10
40
20
5
VR = 200V TJ = 125C TJ = 25C 0 100
di f /dt - (A/s)
1000
0 100
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery vs. dif/dt
500 VR = 200V TJ = 125C TJ = 25C 400
Fig. 6 - Typical Recovery Current vs. dif/dt
10000 VR = 200V TJ = 125C TJ = 25C
I F = 16A I F = 8.0A
I F = 16A
di (rec) M/dt- (A /s)
Qrr- (nC)
300
I F = 8.0A I F = 4.0A
I F = 4.0A
1000
200
100
0 100
di f /dt - (A/s)
1000
100 100
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. dif/dt
4
Fig. 8 - Typical di(rec)M/dt vs. dif/dt
HFA08TB60S
Bulletin PD-20607 rev. B 11/00
3
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. dif/dt ADJUST D G IRFP250 S
1
0.75 I RRM di f /dt
4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr
1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
5
HFA08TB60S
Bulletin PD-20607 rev. B 11/00
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
15.49 (0.61)
93
6.47 (0.25)
6.18 (0.24)
1.22 (0.05)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
3
4.57 (0.18) 2
4.32 (0.17)
0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and inches
Part Marking Information
EXAMPLE: THIS IS AN HFA08TB60S INTERNATIONAL RECTIFIER LOGO
(K)
HFA08TB60S
PART NUMBER
5K3A ASSEMBLY LOT CODE
9712
DATE CODE (YYWW) YY = YEAR WW = WEEK
(N/C)
(A)
6
HFA08TB60S
Bulletin PD-20607 rev. B 11/00
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIR ECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069)
24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN .
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. IR CANADA: 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. IR ITALY: Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. IR TAIWAN: 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. http://www.irf.com Fax-On-Demand: +44 1883 733420 Data and specifications subject to change without notice.
7


▲Up To Search▲   

 
Price & Availability of HFA08TB60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X